Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 110Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 111Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 112Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 113Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 114Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 115Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 116Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 117Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 146 page
background image
114
AT89C51IC2
4301A–8051–01/04
Bootloader Functionality
Introduction
The bootloader can be activated by two means: Hardware conditions or regular boot
process.
The Hardware conditions (EA = 1, PSEN = 0) during the Reset# falling edge force the
on-chip bootloader execution. This allows an application to be built that will normally
execute the end user’s code but can be manually forced into default ISP operation.
As PSEN is an output port in normal operating mode (running user application or boor-
loader code) after reset, it is recommended to release PSEN after falling edge of reset
signal. The hardware conditions are sampled at reset signal falling edge, thus they can
be released at any time when reset input is low.
To ensure correct microcontroller startup, the PSEN pin should not be tied to ground
during power-on (See Figure 45).
Figure 45. Hardware conditions typical sequence during power-on.
The on-chip bootloader boot process is shown in Figure 46.
VCC
PSEN
RST
Purpose
Hardware Conditions
The Hardware Conditions force the bootloader execution whatever BLJB, BSB
and SBV values.
BLJB
The Boot Loader Jump Bit forces the application execution.
BLJB = 0 => Boot loader execution.
BLJB = 1 => Application execution.
The BLJB is a fuse bit in the Hardware Byte.
That can be modified by hardware (programmer) or by software (API).
Note:
The BLJB test is perform by hardware to prevent any program execution.
SBV
The Software Boot Vector contains the high address of custumer bootloader
stored in the application.
SBV = FCh (default value) if no custumer bootloader in user Flash.
Note:
The costumer bootloader is called by JMP [SBV]00h instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com