Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 114Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 115Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 116Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 117Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 118Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 119Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 120Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 121Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 146 page
background image
118
AT89C51IC2
4301A–8051–01/04
Full Chip Erase
The ISP command "Full Chip Erase" erases all User Flash memory (fills with FFh) and
sets some Bytes used by the bootloader at their default values:
•
BSB = FFh
•
SBV = FCh
•
SSB = FFh and finally erase the Software Security Bits
The Full Chip Erase does not affect the bootloader.
Checksum Error
When a checksum error is detected send ‘X’ followed with CR&LF.
Flow Description
Overview
An initialization step must be performed after each Reset. After microcontroller reset,
the bootloader waits for an autobaud sequence ( see section ‘autobaud performance’).
When the communication is initialized the protocol depends on the record type
requested by the host.
FLIP, a software utility to implement ISP programming with a PC, is available from the
Atmel the web site.
Communication Initialization
The host initializes the communication by sending a ’U’ character to help the bootloader
to compute the baudrate (autobaud).
Figure 47. Initialization
Host
Bootloader
"U"
Performs Autobaud
Init Communication
If (not received "U")
"U"
Communication Opened
Else
Sends Back ‘U’ Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com