Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 116Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 117Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 118Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 119Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 120Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 121Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 146 page
background image
120
AT89C51IC2
4301A–8051–01/04
Figure 48. Command Flow
Write/Program Commands
This flow is common to the following frames:
•
Flash/EEPROM Programming Data Frame
•
EOF or Atmel Frame (only Programming Atmel Frame)
•
Config Byte Programming Data Frame
•
Baud Rate Frame
Description
Figure 49. Write/Program Flow
Bootloader
":"
Sends first character of the
Frame
If (not received ":")
Sends frame (made of 2 ASCII
Gets frame, and sends back ech
for each received Byte
Host
Else
":"
Sends echo and start
reception
characters per Byte)
Echo analysis
Host
Bootloader
Write Command
’X’ & CR & LF
NO_SECURITY
Wait Write Command
Checksum error
Wait Programming
Send Security error
Send COMMAND_OK
Send Write Command
Wait Checksum Error
Wait COMMAND_OK
Wait Security Error
OR
COMMAND ABORTED
COMMAND FINISHED
Send Checksum error
COMMAND ABORTED
’P’ & CR & LF
OR
’.’ & CR & LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com