Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 115Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 116Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 117Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 118Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 119Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 120Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 121Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 146 page
background image
119
AT89C51IC2
4301A–8051–01/04
Autobaud Performances
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
feature requires that an initial character (an uppercase U) be sent to the AT89C51IC2 to
establish the baud rate. Table 91 shows the autobaud capability.
Command Data Stream
Protocol
All commands are sent using the same flow. Each frame sent by the host is echoed by
the bootloader.
Table 91. Autobaud Performances
Frequency (MHz)
Baudrate (bit/s)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
8
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
-
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
-
OK
OK
OK
OK
OK
OK
OK
OK
19200
OK
-
OK
OK
OK
-
-
OK
OK
OK
38400
-
-
OK
OK
-
OK
OK
OK
57600
-
-
-
-
OK
-
-
-
OK
115200
-
-
----
--
OK
Frequency (MHz)
Baudrate (bit/s)
10
11.0592
12
14.318
14.746
16
20
24
26.6
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
19200
OK
OK
OK
OK
OK
OK
OK
OK
OK
38400
-
OK
OK
OK
OK
OK
OK
OK
OK
57600
-
OK
-
OK
OK
OK
OK
OK
OK
115200
-
OK
-
OK
OK
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com