Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 120Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 121Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 124Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 125Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 126Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 127Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 146 page
background image
124
AT89C51IC2
4301A–8051–01/04
Example
Read Function
This flow is similar for the following frames:
•
Reading Frame
•
EOF Frame/Atmel Frame (only reading Atmel Frame)
Description
Figure 52. Read Flow
Example
HOST
: 05 0000 04 0000 0020 00 D7
BOOTLOADER
: 05 0000 04 0000 0020 00 D7
BOOTLOADER
0000=-----data------ CR LF
(16 data)
BOOTLOADER
0010=-----data------ CR LF
(16 data)
BOOTLOADER
0020=data CR LF
( 1 data)
Display data from address 0000h to 0020h
Host
Bootloader
Read Command
’X’ & CR & LF
RD_WR_SECURITY
Wait Read Command
Read Value
Send Security error
Send Data Read
Send Read Command
Wait Checksum Error
Wait Value of Data
Wait Security Error
OR
COMMAND ABORTED
COMMAND FINISHED
Send Checksum error
COMMAND ABORTED
’L’ & CR & LF
OR
’value’ & ’.’ & CR & LF
Checksum error
HOST
: 02 0000 05 07 02 F0
BOOTLOADER
: 02 0000 05 07 02 F0 Value . CR LF
HOST
: 02 0000 01 02 00 FB
BOOTLOADER
: 02 0000 01 02 00 FB Value . CR LF
Read function (read SBV)
Atmel Read function (read Bootloader version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com