Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 124Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 125Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 126Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 127Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 128Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 129Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 130Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 146 page
background image
127
AT89C51IC2
4301A–8051–01/04
PROGRAM DATA
PAGE
09h
Number of
byte to
program
Address of
the first byte
to program in
the Flash
memory
Address in
XRAM of the
first data to
program
ACC = 0: DONE
Program up to 128 bytes in user Flash.
Remark: number of bytes to program is
limited such as the Flash write remains in a
single 128 bytes page. Hence, when ACC
is 128, valid values of DPL are 00h, or, 80h.
PROGRAM X2 FUSE
0Ah
Fuse value
00h or 01h
0008h
XXh
none
Program X2 fuse bit with ACC
PROGRAM BLJB
FUSE
0Ah
Fuse value
00h or 01h
0004h
XXh
none
Program BLJB fuse bit with ACC
READ HSB
0Bh
XXh
XXXXh
XXh
ACC = HSB
Read Hardware Byte
READ BOOT ID1
0Eh
XXh
DPL = 00h
XXh
ACC = ID1
Read boot ID1
READ BOOT ID2
0Eh
XXh
DPL = 01h
XXh
ACC = ID2
Read boot ID2
READ BOOT VERSION
0Fh
XXh
XXXXh
XXh
ACC = Boot_Version
Read bootloader version
Table 93. API Call Summary (Continued)
Command
R1
A
DPTR0
DPTR1
Returned Value
Command Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com