Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 125Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 126Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 127Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 128Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 129Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 130Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 131Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 132Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 146 page
background image
129
AT89C51IC2
4301A–8051–01/04
Notes:
1. Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 55.), VIL =
VSS + 0.5V,
V
IH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure
52).
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = V
CC; EA = RST = VSS (see Figure 53).
3. Power Down I
CC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 54).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the V
OLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi V
OL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
7. For other values, please contact your sales office.
8. Icc Flash Write operation current while an on-chip flash page write is on going.
9. Flash Retention is guaranteed with the same formula for V
CC Min down to 0.
V
OH1
Output High Voltage, port 0, ALE, PSEN
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
V
CC = 5V ± 10%
I
OH = -200 µA
I
OH = -3.2 mA
I
OH = -7.0 mA
0.9 V
CC
V
VCC = 2.7V to 5.5V
I
OH = -10 µA
R
RST
RST Pulldown Resistor
50
200(5)
250
k
Ω
I
IL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µAV
IN = 0.45V
I
LI
Input Leakage Current for P0 only
±10
µA
0.45V < V
IN < VCC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
µAV
IN = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
IPD
Power Down Current
100
150
µA4.5V < V
CC < 5.5V
(3)
ICCOP
Power Supply Current on normal mode
0.4 x Frequency (MHz) + 5
mA
VCC = 5.5V
(1)
ICCIDLE
Power Supply Current on idle mode
0.3 x Frequency (MHz) + 5
mA
VCC = 5.5V
(1)
I
CCProg
Power Supply Current during flash Write / Erase
0.4 x
Frequency
(MHz) + 20
mA
V
CC = 5.5V
(8)
T
A = -40°C to +85°C; VSS = 0V;
V
CC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
V
CC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com