Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 124Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 125Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 126Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 127Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 128Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 129Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 146 page
background image
126
AT89C51IC2
4301A–8051–01/04
API Call Description
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
through a common interface, PGM_MTP. The programming functions are selected by
setting up the microcontroller’s registers before making a call to PGM_MTP at FFF0h.
Results are returned in the registers.
When several Bytes have to be programmed, it is highly recommended to use the Atmel
API “PROGRAM DATA PAGE” call. Indeed, this API call writes up to 128 Bytes in a sin-
gle command.
All routines for software access are provided in the C Flash driver available at Atmel’s
web site.
The API calls description and arguments are shown in Table 93.
Table 93. API Call Summary
Command
R1
A
DPTR0
DPTR1
Returned Value
Command Effect
READ MANUF ID
00h
XXh
0000h
XXh
ACC = Manufacturer
Id
Read Manufacturer identifier
READ DEVICE ID1
00h
XXh
0001h
XXh
ACC = Device Id 1
Read Device identifier 1
READ DEVICE ID2
00h
XXh
0002h
XXh
ACC = Device Id 2
Read Device identifier 2
READ DEVICE ID3
00h
XXh
0003h
XXh
ACC = Device Id 3
Read Device identifier 3
ERASE BLOCK
01h
XXh
DPH = 00h
00h
ACC = DPH
Erase block 0
DPH = 20h
Erase block 1
DPH = 40h
Erase block 2
Address of
byte to
program
Program one Data Byte in user Flash
XXh
Erase Software boot vector and boot status
byte. (SBV = FCh and BSB = FFh)
PROGRAM SSB
05h
XXh
DPH = 00h
DPL = 00h
00h
ACC = SSB value
Set SSB level 1
DPH = 00h
DPL = 01h
Set SSB level 2
DPH = 00h
DPL = 10h
Set SSB level 0
DPH = 00h
DPL = 11h
Set SSB level 1
PROGRAM BSB
06h
New BSB
value
0000h
XXh
none
Program boot status byte
PROGRAM SBV
06h
New SBV
value
0001h
XXh
none
Program software boot vector
READ SSB
07h
XXh
0000h
XXh
ACC = SSB
Read Software Security Byte
READ BSB
07h
XXh
0001h
XXh
ACC = BSB
Read Boot Status Byte
READ SBV
07h
XXh
0002h
XXh
ACC = SBV
Read Software Boot Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com