Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 121Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 122Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 123Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 124Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 125Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 126Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 127Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 128Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 146 page
background image
125
AT89C51IC2
4301A–8051–01/04
ISP Commands Summary
Table 92. ISP Commands Summary
Command
Command Name
Data[0]
Data[1]
Command Effect
00h
Program Data
Program Nb Data Byte.
Bootloader will accept up to 128 (80h)
data Bytes. The data Bytes should be
128 Byte page Flash boundary.
03h
Write Function
01h
00h
Erase block0 (0000h-1FFFh)
20h
Erase block1 (2000h-3FFFh)
40h
Erase block2 (4000h-7FFFh)
80h
Erase block3 (8000h- BFFFh)
C0h
Erase block4 (C000h- FFFFh)
03h
00h
Hardware Reset
04h
00h
Erase SBV & BSB
05h
00h
Program SSB level 1
01h
Program SSB level 2
06h
00h
Program BSB (value to write in data[2])
01h
Program SBV (value to write in data[2])
07h
-
Full Chip Erase (This command needs
about 6 sec to be executed)
0Ah
02h
Program Osc fuse (value to write in
data[2])
04h
Program BLJB fuse (value to write in
data[2])
08h
Program X2 fuse (value to write in
data[2])
04h
Display Function
Data[0:1] = start address
Data [2:3] = end address
Data[4] = 00h -> Display data
Data[4] = 01h -> Blank check
Display Data
Note: The maximum number of data
that can be read with a single
command frame (difference between
start and end address) is 1kbyte.
Blank Check
05h
Read Function
00h
00h
Manufacturer ID
01h
Device ID #1
02h
Device ID #2
03h
Device ID #3
07h
00h
Read SSB
01h
Read BSB
02h
Read SBV
06h
Read Extra Byte
0Bh
00h
Read Hardware Byte
0Eh
00h
Read Device Boot ID1
01h
Read Device Boot ID2
0Fh
00h
Read Bootloader Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com