Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 145 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 141Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 142Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 143Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 144Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 145Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 146Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 147Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 148Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 182 page
background image
145
4173E–USB–09/07
AT89C5132
20.2
Registers
Table 26. SSCON Register
SSCON (S:93h) – Synchronous Serial Control Register
Reset Value = 0000 0000b
Table 27. SSSTA Register
SSSTA (S:94h) – Synchronous Serial Status Register
7
6
5
4
3
2
1
0
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
Bit Number
Bit
Mnemonic
Description
7
SSCR2
Synchronous Serial Control Rate Bit 2
Refer to Table 19 for rate description.
6
SSPE
Synchronous Serial Peripheral Enable Bit
Set to enable the controller.
Clear to disable the controller.
5
SSSTA
Synchronous Serial Start Flag
Set to send a START condition on the bus.
Clear not to send a START condition on the bus.
4
SSSTO
Synchronous Serial Stop Flag
Set to send a STOP condition on the bus.
Clear not to send a STOP condition on the bus.
3
SSI
Synchronous Serial Interrupt Flag
Set by hardware when a serial interrupt is requested.
Must be cleared by software to acknowledge interrupt.
2
SSAA
Synchronous Serial Assert Acknowledge Flag
Set to enable slave modes. Slave modes are entered when SLA or GCA (if SSGC set) is
recognized.
Clear to disable slave modes.
Master Receiver Mode in progress
Clear to force a not acknowledge (high level on SDA).
Set to force an acknowledge (low level on SDA).
Master Transmitter Mode in progress
This bit has no specific effect when in master transmitter mode.
Slave Receiver Mode in progress
Clear to force a not acknowledge (high level on SDA).
Set to force an acknowledge (low level on SDA).
Slave Transmitter Mode in progress
Clear to isolate slave from the bus after last data Byte transmission.
Set to enable slave mode.
1
SSCR1
Synchronous Serial Control Rate Bit 1
Refer to Table 19 for rate description.
0
SSCR0
Synchronous Serial Control Rate Bit 0
Refer to Table 19 for rate description.
7
6
5
4
3
2
1
0
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com