Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 144Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 145Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 146Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 147Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 148Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 149Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 150Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 151Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 182 page
background image
148
4173E–USB–09/07
AT89C5132
Figure 21-2. Timing Diagram
21.1.1
Clock Generator
The ADC clock is generated by division of the peripheral clock (see details in Section “X2 Fea-
ture”, page 12). The division factor is then given by ADCP4:0 bits in ADCLK register. Figure 21-
3 shows the ADC clock generator and its calculation formula(1).
Figure 21-3. ADC Clock Generator and Symbol Caution:
Note:
1. In all cases, the ADC clock frequency may be higher than the maximum FADCLK parameter
reported in the Section “Analog to Digital Converter”, page 201.
2. The ADCD value of 0 is equivalent to an ADCD value of 32.
21.1.2
Channel Selection
The channel on which conversion is performed is selected by the ADCS bit in ADCON register
according to Table 30.
Table 30. ADC Channel Selection
21.1.3
Conversion Precision
The 10-bit precision conversion is achieved by stopping the CPU core activity during conversion
for limiting the digital noise induced by the core. This mode called the Pseudo-Idle mode(1),(2) is
enabled by setting the ADIDL bit in ADCON register(3). Thus, when conversion is launched (see
Section "Conversion Launching", page 149), the CPU core is stopped until the end of the con-
ADEN
ADSST
ADEOC
T
SETUP
T
CONV
CLK
T
ADCLK
ADCD4:0
ADCLK
ADC Clock
ADCclk
PERclk
2 ADCD
⋅
-------------------------
=
ADC Clock Symbol
ADC
CLOCK
PER
CLOCK
÷
2
ADCS
Channel
0
AIN1
1
AIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com