Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 145Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 146Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 147Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 148Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 149Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 150Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 151Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 182 page
background image
149
4173E–USB–09/07
AT89C5132
version (see Section "End Of Conversion", page 149). This bit is cleared by hardware at the end
of the conversion.
Notes:
1. Only the CPU activity is frozen, peripherals are not affected by the Pseudo-Idle mode.
2. If some interrupts occur during the Pseudo-Idle mode, they will be delayed and processed,
according to their priority after the end of the conversion.
3. Concurrently with ADSST bit.
21.1.4
Configuration
The ADC configuration consists in programming the ADC clock as detailed in the Section "Clock
Generator", page 148. The ADC is enabled using the ADEN bit in ADCON register. As shown in
Figure 93, user must wait the setup time (TSETUP) before launching any conversion.
Figure 21-4. ADC Configuration Flow
21.1.5
Conversion Launching
The conversion is launched by setting the ADSST bit in ADCON register, this bit remains set
during the conversion. As soon as the conversion is started, it takes 11 clock periods (TCONV)
before the data is available in ADDH and ADDL registers.
Figure 21-5. ADC Conversion Launching Flow
21.1.6
End Of Conversion
The end of conversion is signalled by the ADEOC flag in ADCON register becoming set or by the
ADSST bit in ADCON register becoming cleared. ADEOC flag can generate an interrupt if
ADC
Configuration
Enable ADC
ADIDL = x
ADEN = 1
Wait Setup Time
Program ADC Clock
ADCD4:0 = xxxxxb
ADC
Conversion Start
Select Channel
ADCS = 0-1
Start Conversion
ADSST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com