Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 200Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 201Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 202Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 203Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 204Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 205Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 206Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 207Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 204 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.25 Structure of OSD RAM
Bit
C0
C1
C2
C3
C4
C5
C6
C7
C8
RC11
RC12
RC13
RC14
RC15
RC16
RC17
RC20
RC21
C9
Bit name
Character
code
(Low-order 9 bits)
Color palette
selection bit 0
Color palette
selection bit 1
Color palette
selection bit 2
Color palette
selection bit 3
Color palette
selection bit 0
Color palette
selection bit 1
OUT2 output
control
Color palette
selection bit 2
Color palette
selection bit 3
Character code
(High-order 1 bit)
Function
Specify
character code in
OSD ROM
Specify color palette
for character
(See note 3)
Specify color palette
for character
(See note 3)
0: OUT2 output OFF
1: OUT2 output ON
Specify color palette
for background
(See note 3)
Specify character
code in OSD ROM
Bit name
CD code
(7 bits)
Not used
Color palette
selection bit 0
Color palette
selection bit 1
Color palette
selection bit 2
Color palette
selection bit 3
OUT2 output
control
Not used
Not used
Function
Specify
character code
in
OSD ROM
(color dot)
Specify a dot
which selects
color palette 0
by OSD ROM
(See note 4)
0: OUT2 output OFF
1: OUT2 output ON
OSDS/L/P mode
CDOSD mode
Notes 1: Read value of bits 3 to 7 of the color code 2 is undefined.
2: For “not used” bits, the write value is read.
3: Refer to Figure 2.16.26.
4: Only in CDOSD mode, a dot which selects color palette 0 is colored to the color palette set by RC13 to RC16 of
OSD RAM in character units. When the character size is 1.5TC ✕ 1H or 1.5TC ✕ 1/2H, however, set RCI3 to RC16
and RC17 of all characters (including the 3nth character) within the same block to the same value.
CC mode
Bit name
Character
code
(Low-order 9 bits)
Color palette
selection bit 0
Color palette
selection bit 1
Color palette
selection bit 2
Italic control
Flash control
Underline control
OUT2 output
control
Color palette
selection bit 0
Color palette
selection bit 1
Character code
(High-order 1 bit)
Function
Specify
character code in
OSD ROM
Specify color palette
for character
(See note 3)
0: Italic OFF
1: Italic ON
0: Flash OFF
1: Flash ON
0: Underline OFF
1: Underline ON
0: OUT2 output OFF
1: OUT2 output ON
Specify color palette
for background
(See note 3)
Specify character
code in OSD ROM
Blocks 1 to 16
C6
C5
C4
C3
C2
C1
C0
C7
b0
b7
Character code
RC17 RC16 RC15 RC14 RC13 RC12 RC11 C8
b0
b7
Color code 1
Color code 2
b0
RC21 RC20
b1
C9
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com