Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 205Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 206Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 207Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 208Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 209Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 210Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 211Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 212Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 209 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.29 OSD control register 3
CC mode character
color selection bit
0: Color palettes 0 to 7
1: Color palettes 8 to 15
CC mode character
background color
selection bits
(See note)
0 0: Color palettes 0 to 3
0 1: Color palettes 4 to 7
1 0: Color palettes 8 to 11
1 1: Color palettes 12 to 15
b2
b1
Must always be set to “0”
OSD control register 3
R W
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
OC3
Bit symbol
Bit name
Function
Address
020716
When reset
0016
OC30
OC31
Reserved bits
OC32
0
Note: Color palette 8 is always selected for solid space (when OUT1 output is
selected), regardless of value of this register.
OSDS/L/P mode
window control bit
0: Window OFF
1: Window ON
OC35
CC mode window
control bit
0: Window OFF
1: Window ON
OC36
CDOSD mode
window control bit
0: Window OFF
1: Window ON
OC37
Flash cycle
selection bit
0: 1 cycle = VSYNC cycle ✕ 32
1: 1 cycle = VSYNC cycle ✕ 64
OC34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com