Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 221Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 222Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 223Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 224Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 225Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 226Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 227Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 228Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 225 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.16 Blank Function
The blank function can output blank (OUT1) area on all sides (vertical and horizontal) of the screen. This
provides the blank signal, wipe function, etc., when outputting a 3 : 4 image on a wide screen.
The ON/OFF for vertical blank function is performed by bit 5 of the OSD control register 1 and is used to
select vertical window function or vertical blank function by bit 6 of the OSD control register 2. Accord-
ingly, the vertical blank function cannot be used simultaneously with the vertical window function. The top
border is set by the top border control register (TBR), and the bottom border is set by the bottom border
control register (BBR), in 1H units.
The ON/OFF for horizontal blank function is performed by bit 4 of the OSD control register 2 and is used
interchangeably for the horizontal window function with bit 5 of the OSD control register 2 . Accordingly,
the horizontal blank function cannot be used simultaneously with the horizontal window function. The left
border is set by the left border control register (LBR) and the right border is set by the right border control
register (RBR), in 4TOSC units.
The OSD output (except raster) in area with blank output is not deleted.
These blank signals are not output in the horizontal/vertical blanking interval.
Notes 1. Horizontal blank and horizontal window, as well as vertical blank and vertical window can not be
used simultaneously.
2. When using the window function, be sure to set “1” to bit 0 of OSD control register 1.
Figure 2.16.46 Blank output example (when OSD output is B + OUT1)
Output example of horizontal blank
Output example of top and vertical blank
OUT1
OUT1
4 A'
A
B
4
A
A'
B
Blank output
signal in
microcomputer
Blank output
signal in
microcomputer
H
L
H
L
H
L
H
L
H
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com