Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 114Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 115Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 116Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 117Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 118Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 119Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 120Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 121Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 387 page
background image
1-100
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
NOTES ON USAGE
Handling of Power Source Pins
In order to avoid a latch-up occurrence, connect a capacitor suit-
able for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (VSS pin), and between power
source pin (VCC pin) and analog power source input pin (AVSS
pin). Besides, connect the capacitor to as close as possible. For
bypass capacitor which should not be located too far from the pins
to be connected, a ceramic capacitor of 0.01
µF–0.1 µF is recom-
mended.
Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and may
perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the power source voltage is less than
the recommended operating conditions and design a system not
to cause errors to the system by this unstable operation.
Flash Memory Version
The CNVss pin determines the flash memory mode. To improve
the noise reduction, connect a track between CNVss pin and Vss
pin or Vcc pin with 1 to 10 k
Ω resistance. The mask ROM version
track of CNVss pin has no operational interference even if it is
connected to Vss pin or Vcc pin via a resistor.
Electric Characteristic Differences Between
Mask ROM and Flash Memory Version MCUs
There are differences in electric characteristics, operation margin,
noise immunity, and noise radiation between Mask ROM and
Flash Memory version MCUs due to the difference in the manufac-
turing processes, built-in ROM, and layout pattern etc.When
manufacturing an application system with the Flash Memory ver-
sion and then switching to use of the Mask ROM version, please
conduct evaluations equivalent to the system evaluations con-
ducted for the flash memory version.
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
1.Mask ROM Confirmation Form
2.Mark Specification Form
3.Data to be written to ROM, in EPROM form (three identical cop-
ies)
✽ For the mask ROM confirmation and the mark specifications,
refer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com/en/rom).
NOTES ON USAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com