Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 118Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 119Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 120Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 121Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 122Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 123Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 124Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 125Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 387 page
background image
1-104
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
0
Figure 95 shows A/D conversion equivalent circuit, and Figure 96
shows A/D conversion timing chart.
Fig. 95 A/D conversion equivalent circuit
VSS
VCC
AVSS
VCC
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
VREF
AVSS
Vref
VIN
C
b1
b2
b0
AN8
AN9
AN10
AN11
AN12
AN13
AN14
AN15
b4
AD/DA control register
Built-in
D/A converter
Reference
clock
AD conversion register 1
AD conversion register 2
Sampling
clock
Chopper amplifier
AD conversion interrupt request
About 2 k
✽1–✽8: A result of the first to eighth comparison
Table 23 Change of AD conversion register during A/D conversion (at 8-bit A/D mode)
At start of conversion
First comparison
Second comparison
Third comparison
After completion of
eighth comparison
0
0
VREF
2
±
Change of AD conversion register
Value of comparison voltage (Vref)
••
••
••
000
0
0
0
VREF
2
VREF
2
±
VREF
4
VREF
4
±
VREF
8
VREF
2
±
VREF
4
±
••• ±
VREF
256
A result of A/D conversion
13
456
7
8
2
✽✽✽✽
1
000
0
0
0
0
10
0
0
0
0
0
1
1
00
0
0
0
21
VREF
512
VREF
512
VREF
512
VREF
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com