Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 115Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 116Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 117Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 118Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 119Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 120Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 121Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 122Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 387 page
background image
1-101
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
FUNCTIONAL DESCRIPTION SUPPLEMENT
Interrupt
The 3804 group (Spec. H) permits interrupts on the basis of 16
sources. It is vector interrupts with a fixed priority system. Accord-
ingly, when two or more interrupt requests occur during the same
sampling, the higher-priority interrupt is accepted first. This priority
is determined by hardware, but variety of priority processing can
be performed by software, using an interrupt enable bit and an in-
terrupt disable flag.
For interrupt sources, vector addresses and interrupt priority, refer
to “Table 19”.
Table 19 Interrupt sources, vector addresses and priority
Interrupt Request
Generating Conditions
Remarks
Interrupt Source
Low
FFFC16
FFFA16
High
FFFD16
FFFB16
Priority
1
2
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
Vector Addresses (Note 1)
Reset (Note 2)
INT0
Timer Z
INT1
Serial I/O1
reception
Serial I/O1
transmission
At reset
At detection of either rising or
falling edge of INT0 input
At timer Z underflow
At detection of either rising or
falling edge of INT1 input
At completion of serial I/O1 data
reception
At completion of serial I/O1
transmission shift or when
transmission buffer is empty
At detection of either rising or
falling edge of SCL or SDA
At timer X underflow
At timer Y underflow
At timer 1 underflow
At timer 2 underflow
At detection of either rising or
falling edge of CNTR0 input
At detection of either rising or
falling edge of SCL or SDA
At detection of either rising or
falling edge of CNTR1 input
At completion of serial I/O3 data
reception
At completion of serial I/O2 data
transmission or reception
At timer Z underflow
At detection of either rising or
falling edge of INT2 input
At completion of data transfer
At detection of either rising or
falling edge of INT3 input
At detection of either rising or
falling edge of INT4 input
At detection of either rising or
falling edge of CNTR2 input
At completion of A/D conversion
At completion of serial I/O3
transmission shift or when
transmission buffer is empty
At BRK instruction execution
Non-maskable
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Valid when serial I/O1 is selected
Valid when serial I/O1 is selected
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
3
4
5
6
7
8
9
10
External interrupt
(active edge selectable)
SCL, SDA
Timer X
Timer Y
Timer 1
Timer 2
CNTR0
SCL, SDA
CNTR1
Serial I/O3
reception
Serial I/O2
Timer Z
INT2
STP release timer underflow
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Valid when serial I/O3 is selected
Valid when serial I/O2 is selected
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Valid when serial I/O3 is selected
Non-maskable software interrupt
11
FFE916
FFE816
12
I2C
INT3
INT4
CNTR2
A/D converter
Serial I/O3
transmission
BRK instruction
14
15
13
16
17
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com