Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 124Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 125Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 126Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 127Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 128Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 129Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 130Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 131Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 387 page
background image
2-4
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
APPLICATION
3804 Group (Spec.H)
2.1 I/O port
Fig. 2.1.5 Structure of Port P3 pull-up control register
Fig. 2.1.4 Structure of Port Pi pull-up control register (i = 0, 1, 2, 4, 5, 6)
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi pull-up control register (i = 0 to 2, 4 to 6)
(PULLi: addresses 0FF016, 0FF116, 0FF216, 0FF416, 0FF516, 0FF616)
0: No pull-up
1: Pull-up
b
0
1
2
3
4
Name
Functions
At reset R W
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0
0
0
0
0
0
Port Pi0 pull-up
control bit
Port Pi1 pull-up
control bit
Port Pi2 pull-up
control bit
0: No pull-up
1: Pull-up
0
Port Pi3 pull-up
control bit
Port Pi4 pull-up
control bit
Port Pi5 pull-up
control bit
5
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
6
0
0
Port Pi6 pull-up
control bit
Port Pi7 pull-up
control bit
7
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
Port Pi pull-up control register (i = 0 to 2, 4 to 6)
b7 b6 b5 b4 b3 b2 b1 b0
Port P3 pull-up control register
(PULL3: address 0FF316)
0: No pull-up
1: Pull-up
b
0
1
2
3
4
Name
Functions
At reset R W
0: No pull-up
1: Pull-up
0
0
0
0
0
0
Port P30 pull-up
control bit
Port P31 pull-up
control bit
0
Port P34 pull-up
control bit
Port P35 pull-up
control bit
5
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
6
0
0
Port P36 pull-up
control bit
Port P37 pull-up
control bit
7
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
Port P3 pull-up control register
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com