Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 128Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 129Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 130Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 131Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 132Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 133Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 134Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 135Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 387 page
background image
2-8
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.2.2 Structure of Interrupt source selection register
2.2 Interrupt
This paragraph explains the registers setting method and the notes relevant to the interrupt.
2.2.1 Memory map
Fig. 2.2.1 Memory map of registers relevant to interrupt
003F16
Interrupt control register 1 (ICON1)
Interrupt request register 2 (IREQ2)
Interrupt request register 1 (IREQ1)
003E16
003D16
003C16
Interrupt edge selection register (INTEDGE)
003A16
Interrupt control register 2 (ICON2)
003916
Interrupt source selection register (INTSEL)
2.2.2 Relevant registers
Interrupt source selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt source selection register
(INTSEL: address 003916)
0: INT0 interrupt
1: Timer Z interrupt
b
0
1
4
2
3
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0/Timer Z
interrupt source
selection bit (*1)
0: Serial I/O2 interrupt
1: Timer Z interrupt
Serial I/O2/Timer Z
interrupt source
selection bit (*1)
0: INT4 interrupt
1: CNTR2 interrupt
INT4/CNTR2
interrupt source
selection bit
0: INT2 interrupt
1: I2C interrupt
INT2/I2C interrupt
source selection bit
0: CNTR0 interrupt
1: SCL, SDA interrupt
CNTR0/SCL, SDA
interrupt source
selection bit (*2)
0: Serial I/O1 transmit
interrupt
1: SCL, SDA interrupt
Serial I/O1 transmit/
SCL, SDA interrupt
source selection bit
(*2)
CNTR1/Serial I/O3
receive interrupt
source selection bit
AD converter/Serial
I/O3 transmit
interrupt source
selection bit
*1: Do not write 1 to these bits simultaneously.
*2: Do not write 1 to these bits simultaneously.
0
0: CNTR1 interrupt
1: Serial I/O3 receive
interrupt
0: A/D converter interrupt
1: Serial I/O3 transmit
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com