Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 127Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 128Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 129Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 130Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 131Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 132Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 133Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 134Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 387 page
background image
2-7
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
APPLICATION
2.1 I/O port
2.1.6 Termination of unused pins
(1)
Terminate unused pins
➀ I/O ports :
• Set the I/O ports for the input mode and connect them to VCC or VSS through each resistor of
1 k
Ω to 10 kΩ.
Ports that permit the selecting of a built-in pull-up resistor can also use this resistor. Set the
I/O ports for the output mode and open them at “L” or “H”.
• When opening them in the output mode, the input mode of the initial status remains until the
mode of the ports is switched over to the output mode by the program after reset. Thus, the
potential at these pins is undefined and the power source current may increase in the input
mode. With regard to an effects on the system, thoroughly perform system evaluation on the user
side.
• Since the direction register setup may be changed because of a program runaway or noise, set
direction registers by program periodically to increase the reliability of program.
➁ The AVss pin when not using the A/D converter :
• When not using the A/D converter, handle a power source pin for the A/D converter, AVss pin
as follows:
AVss: Connect to the Vss pin.
(2)
Termination remarks
➀ I/O ports :
Do not open in the input mode.
q Reason
• The power source current may increase depending on the first-stage circuit.
• An effect due to noise may be easily produced as compared with proper termination ➀ and
shown on the above.
➁ I/O ports :
When setting for the input mode, do not connect to VCC or VSS directly.
q Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between a port and VCC (or VSS).
➂ I/O ports :
When setting for the input mode, do not connect multiple ports in a lump to VCC or VSS through
a resistor.
q Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between ports.
• At the termination of unused pins, perform wiring at the shortest possible distance (20 mm or less)
from microcomputer pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com