Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 145Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 146Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 147Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 148Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 149Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 150Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 151Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 152Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 387 page
background image
2-25
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.6 Structure of Timer XY mode register
Timer X /Timer Y operation
modes
Timer mode
Pulse output mode
Event counter mode
Pulse width measurement mode
CNTR0 / CNTR1 active edge switch bit
(bits 2, 6 of address 002316) contents
“0” CNTR0 / CNTR1 interrupt request occurrence: Falling edge
; No influence to timer count
“1” CNTR0 / CNTR1 interrupt request occurrence: Rising edge
; No influence to timer count
“0” Pulse output start: Beginning at “H” level
CNTR0 / CNTR1 interrupt request occurrence: Falling edge
“1” Pulse output start: Beginning at “L” level
CNTR0 / CNTR1 interrupt request occurrence: Rising edge
“0” Timer X / Timer Y: Rising edge count
CNTR0 / CNTR1 interrupt request occurrence: Falling edge
“1” Timer X / Timer Y: Falling edge count
CNTR0 / CNTR1 interrupt request occurrence: Rising edge
“0” Timer X / Timer Y: “H” level width measurement
CNTR0 / CNTR1 interrupt request occurrence: Falling edge
“1” Timer X / Timer Y: “L” level width measurement
CNTR0 / CNTR1 interrupt request occurrence: Rising edge
Table 2.3.1 CNTR0 /CNTR1 active edge switch bit function
Timer XY mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer XY mode register
(TM: address 002316)
b
2
3
4
5
0
1
6
7
Name
Functions
At reset R W
0
0
0
Refer to Table 2.3.1
0
0
0
0
0
Timer X operating
mode bits
Timer Y operating
mode bits
0: Count start
1: Count stop
Refer to Table 2.3.1
0: Count start
1: Count stop
b5 b4
0 0: Timer mode
0 1: Pulse output mode
1 0: Event counter mode
1 1: Pulse width
measurement mode
b1 b0
0 0: Timer mode
0 1: Pulse output mode
1 0: Event counter mode
1 1: Pulse width
measurement mode
Timer Y count stop
bit
CNTR1 active edge
switch bit
Timer X count stop
bit
CNTR0 active edge
switch bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com