Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 146Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 147Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 148Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 149Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 150Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 151Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 152Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 153Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 387 page
background image
2-26
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.7 Structure of Timer Z mode register
Timer Z mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer Z mode register
(TZM: address 002A16)
b
0
Name
0
Functions
At reset R W
0
0
1
2
0
3 Timer Z write control
bit
4
0
Output level latch
0: “L” output
1: “H” output
Refer to Table 2.3.2.
0: Count start
1: Count stop
5
0
CNTR2 active edge
switch bit
Timer Z count stop
bit
7
6
0
Timer/Event counter
mode switch bit (Note)
0: Writing data to both latch
and timer simultaneousuly
1: Writing data only to latch
0 0 0: Timer/Event counter mode
0 0 1: Pulse output mode
0 1 0: Pulse period
measurement mode
0 1 1: Pulse width
measurement mode
1 0 0: Programmable waveform
generating mode
1 0 1: Programmable one-shot
generating mode
1 1 0: Not available
1 1 1: Not available
0: Timer mode
1: Event counter mode
b2b1b0
Timer Z operating
mode bits
0
Note: When selecting the modes except the timer/event counter mode, set “0” to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com