Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 147Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 148Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 149Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 150Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 151Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 152Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 153Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 154Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 387 page
background image
2-27
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Timer Z
operation modes
Timer mode
Event counter mode
Pulse output mode
Pulse period measurement mode
Pulse width measurement mode
Programmable one-shot generating
mode
CNTR2 active edge switch bit
(bit 5 of address 002A16) contents
“0” CNTR2 interrupt request occurrence: Falling edge
; No influence to timer count
“1” CNTR2 interrupt request occurrence: Rising edge
; No influence to timer count
“0” Timer Z: Rising edge count
CNTR2 interrupt request occurrence: Falling edge
“1” Timer Z: Falling edge count
CNTR2 interrupt request occurrence: Rising edge
“0” Pulse output start: Beginning at “H” level
CNTR2 interrupt request occurrence: Falling edge
“1” Pulse output start: Beginning at “L” level
CNTR2 interrupt request occurrence: Rising edge
“0” Timer Z : Term from one falling edge to next falling edge measurement
CNTR2 interrupt request occurrence: Falling edge
“1” Timer Z : Term from one rising edge to next rising edge measurement
CNTR2 interrupt request occurrence: Rising edge
“0” Timer Z: “H” level width measurement
CNTR2 interrupt request occurrence: Falling edge
“1” Timer Z: “L” level width measurement
CNTR2 interrupt request occurrence: Rising edge
“0” Timer Z : Pulse output start from “L” level, and “H” level one-shot
pulse is output.
CNTR2 interrupt request occurrence: Falling edge
“1” Timer Z : Pulse output start from “H” level, and “L” level one-shot
pulse is output.
CNTR2 interrupt request occurrence: Rising edge
Table 2.3.2 CNTR2 active edge switch bit function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com