Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 171Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 172Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 173Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 174Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 175Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 176Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 177Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 178Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 387 page
background image
2-51
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.6 Structure of UART1 control register
Fig. 2.4.7 Structure of UART3 control register
UART1 control register
b7 b6 b5 b4 b3 b2 b1 b0
UART1 control register
(UART1CON: address 001B16)
b
0
0
0: 8 bits
1: 7 bits
Character length
selection bit (CHAS)
Parity enable bit
(PARE)
Stop bit length
selection bit (STPS)
P45/TxD1 P-channel
output disable bit
(POFF)
Parity selection bit
(PARS)
Functions
Name
At reset R W
1
0
0
0
2
3
4
5
6
1
7
1
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “1”.
0
1
0: Parity checking disabled
1: Parity checking enabled
0: Even parity
1: Odd parity
0: 1 stop bit
1: 2 stop bits
0: CMOS output
(in output mode)
1: N-channel open-drain
output (in output mode)
UART3 control register
b7 b6 b5 b4 b3 b2 b1 b0
UART3 control register
(UART3CON: address 003316)
b
0
0
0: 8 bits
1: 7 bits
Character length
selection bit (CHAS)
Parity enable bit
(PARE)
Stop bit length
selection bit (STPS)
P35/TxD3 P-channel
output disable bit
(POFF)
Parity selection bit
(PARS)
Functions
Name
At reset R W
1
0
0
0
2
3
4
5
6
1
7
1
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “1”.
0
1
0: Parity checking disabled
1: Parity checking enabled
0: Even parity
1: Odd parity
0: 1 stop bit
1: 2 stop bits
0: CMOS output
(in output mode)
1: N-channel open-drain
output (in output mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com