Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 174Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 175Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 176Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 177Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 178Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 179Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 180Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 181Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 387 page
background image
2-54
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.13 Structure of Interrupt request register 2
Interrupt request register 2
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 2
(IREQ2 : address 003D16)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
CNTR0/SCL, SDA
interrupt request bit
CNTR1/Serial I/O3
receive interrupt
request bit
INT2/I2C interrupt
request bit
INT3 interrupt
request bit
INT4/CNTR2
interrupt request bit
AD converter/Serial
I/O3 transmit
interrupt request bit
Serial I/O2/Timer Z
interrupt request bit
0
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are 0 .
✽: 0 can be set by software, but 1 cannot be set.
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
Fig. 2.4.12 Structure of Interrupt request register 1
Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1
(IREQ1 : address 003C16)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0/Timer Z
interrupt request bit
INT1 interrupt
request bit
Serial I/O1
transmit/SCL, SDA
interrupt request bit
Timer X interrupt
request bit
Timer Y interrupt
request bit
Timer 1 interrupt
request bit
Serial I/O1 receive
interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
Timer 2 interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0
✽: 0 can be set by software, but 1 cannot be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com