Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 172Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 173Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 174Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 175Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 176Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 177Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 178Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 179Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 387 page
background image
2-52
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Serial I/O2 control register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O2 control register
(SIO2CON: address 001D16)
b
0
Name
0
Functions
At reset R W
0
0
1
2
0
3 Serial I/O2 port
selection bit
4
0
SRDY2 output
enable bit
0: I/O port (P53)
1: SRDY2 signal output
0: LSB first
1: MSB first
0: External clock
1: Internal clock
5
0
Transfer direction
selection bit
7
6
0
Serial I/O2
synchronous
clock selection bit
P51/SOUT2
P-channel output
disable bit
0: I/O port (P51, P52)
1: SOUT2, SCLK2 signal output
0 0 0: f(XIN)/8
0 0 1: f(XIN)/16
0 1 0: f(XIN)/32
0 1 1: f(XIN)/64
1 1 0: f(XIN)/128
1 1 1: f(XIN)/256
0: CMOS output
(in output mode)
1: N-channel open-drain
output (in output mode)
b2b1b0
Internal
synchronous clock
selection bits
0
Fig. 2.4.9 Structure of Serial I/O2 control register
Fig. 2.4.8 Structure of Baud rate generator 1 and Baud rate generator 3
Baud rate generator i (i = 1, 3)
b7 b6 b5 b4 b3 b2 b1 b0
Baud rate generator i
(BRGi (i=1, 3): address 001C16, 002F16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
Set a count value of baud rate generator.
Note: Write to this register while transmit/receive operation is stopped.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com