Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 304Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 305Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 306Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 307Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 308Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 309Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 310Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 311Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 387 page
background image
3-18
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.2 Standard characteristics
0.0
2.0
4.0
6.0
8.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC(V)
16.8 MHz
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vcc (V)
Stopped
Fig. 3.2.7 Power source current standard characteristics (in high-speed mode, f(XIN) = 16.8 MHz, A/D converter operating)
Fig. 3.2.8 Power source current standard characteristics (at oscillation stopping)
High-speed mode, A/D converter operating (TYP, 25 °C)
[
φφφφφ = XIN/2, XCIN = 32.768 kHz]
Oscillation stop mode (TYP, 25 °C)
[STP instruction executing, XIN = stopped, XCIN = stopped]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com