Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 305Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 306Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 307Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 308Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 309Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 310Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 311Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 312Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 387 page
background image
3-19
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.2 Standard characteristics
3.2.2 Port standard characteristics
Fig. 3.2.9 CMOS output port P-channel side characteristics (Ta = 25 °C)
Fig. 3.2.10 CMOS output port N-channel side characteristics (Ta = 25 °C)
0
VOL[V]
IOL
[mA]
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5
10
15
20
25
30
35
40
45
50
5.5
Vcc = 5.0 V
Vcc = 4.0 V
Vcc = 2.7 V
Port P60 IOL–VOL characteristics (N-channel drive) [Ta = 25 °C]
(Same characteristics pins: P0, P1, P3, P4, P5, P6)
0
VOH [V]
IOH
[mA]
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
5.5
Vcc = 5.0 V
Vcc = 4.0V
Vcc = 2.7V
Port P60 IOH–VOH characteristics (P-channel drive) [Ta = 25 °C]
(Same characteristics pins: P0, P1, P2, P30, P31, P34–P37, P4, P5, P6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com