Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 308Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 309Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 310Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 311Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 312Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 313Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 314Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 315Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 387 page
background image
3-22
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.2 Standard characteristics
3.2.3 A/D conversion standard characteristics
Figure3.2.14, Figure 3.2.15, and Figure 3.2.16 show the A/D conversion standard characteristics.
The thick lines of the graph indicate the absolute precision errors, These are expressed as the deviation
from the ideal value when the output code changes. For example, the change in output code from 512 to
513 should occur at 2560 mV, but the measured value is –10 mV. Accordingly, the measured point of
change is 2560 – 10 = 2550 mV.
The thin lines of the graph indicate the input voltage width for which the output code is constant. For
example, the measured input voltage width for which the output code is 512 is 5.0 mV, so that the
differential non-linear error is 5.0 – 5.0 = 0.0 mV (0 LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com