Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
DS726PP3
47
CS4525
6.1.8.1
Recommended PWM_SIG Power-Up Sequence for an External PWM
Amplifier
1.
Engage the reset/power-down feature of the external PWM amplifier.
2.
Set the PDnAll bit in the Power Ctrl register to stop the PWM modulators if it is not already set.
3.
Configure the PWM_SIG outputs as desired via the PWMDSel[1:0] bits in the Output Cfg register.
4.
Set the HiZPSig bit in the EQ Config register to activate the PWM_SIG output drivers.
5.
Disengage the reset/power-down feature of the external PWM amplifier if it has an initial transition
delay feature, such as the CS4412A.
WARNING:Releasing the external amplifier from reset/power-down before PWM modulators have started
will cause a DC output on the speakers unless the external amplifier has an initial transition delay fea-
ture.
6.
Clear the PDnAll bit in the Power Ctrl register to start the PWM modulators.
7.
Disengage the reset/power-down feature of the external PWM amplifier if it has not been yet disen-
gaged.
6.1.8.2
Recommended PWM_SIG Power-Down Sequence for an External PWM
Amplifier
1.
Mute the PWM_SIG outputs to a 50% duty-cycle by either setting Master Volume to 1111 1111h
(Master Mute) or through use of the HP_DETECT/MUTE input pin as described in the Headphone
Detection & Hardware Mute Input section on page 51.
2.
Engage the reset/power-down feature of the external PWM amplifier.
3.
Set the PDnAll bit in the Power Ctrl register to disable the PWM modulators and set the PWM_SIG
outputs to a drive a logic ‘0’.
4.
Power down the remainder of the system (if applicable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com