Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic CS4525 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
DS726PP3
89
CS4525
9.19.5
Power Down PWM Power Output X (PDnOutX)
Default = 1
Function:
When set, the specific PWM power output will enter a power-down state. Only the output power stage is
powered down. The PWM modulator is not affected, nor is the setup or delay register values. When set
to normal operation, the specific output will power up according to the state of the RmpSpd[1:0] bits and
the channel output configuration selected. When transitioning from normal operation to power down, the
specific output will power down according to the state of the RmpSpd[1:0] bits and the channel output con-
figuration selected.
The entire divide will enter a low-power state when this function is enabled:
9.19.6
Power Down (PDnAll)
Default = 1
Function:
The CS4525 will enter a power-down state when this function is enabled:
1.
The power PWM outputs will be held in a high-impedance state.
2.
The logic-level PWM outputs will continuously drive a logic ‘0’ if the HiZPSig bit is set and will be held
in a high-impedance state if the HiZPSig bit is clear.
3.
AUX_SDOUT, the auxiliary serial data output, will be driven to a digital-low. AUX_LRCK and
AUX_SCLK, the auxiliary serial output’s clocks, will continue to operate if the EnAuxPort bit is set,
ADC/SP is cleared, and the serial audio input receives a valid SCLK and LRCK; otherwise they will
also be driven to a digital-low voltage.
4.
DLY_SDOUT, the delay serial data output, will output the unprocessed audio data from SDATA if
EnAuxPort is set, DlyPortCfg[1:0] is configured for serial output delay interface, ADC/SP is cleared,
and the serial audio input port receives a valid SCLK, LRCK, and SDATA. Otherwise, it will drive a
low voltage.
The contents of the control registers are retained in this state. Once the PDnAll bit is disabled, the pow-
ered and logic-level PWM outputs will first perform a click-free start-up function and then resume normal
operation.
The PDnAll bit defaults to ‘enabled’ on power-up and must be disabled before normal operation can occur.
9.20
Interrupt (Address 60h)
Bits [7:4] in this register are read only. A ‘1’b in these bit positions indicates that the associated condition has oc-
curred at least once since the register was last read. A ‘0’b indicates that the associated condition has not occurred
since the last reading of the register. Reading the register resets bits to [7:4] ‘0’b. These bits are considered “edge-
triggered” events. The operation of these 4 bits is not affected by the interrupt mask bits and the condition of each
bit can be polled instead of generating an interrupt as required.
PDnChX Setting
Power Output X Power-Down State
0 .......................................... Normal power output X operation.
1 .......................................... Power output X power-down enabled.
PDnAll Setting
Device Power-Down State
0 .......................................... Normal device operation.
1 .......................................... Device power-down enabled.
7
6
5
4
32
10
SRCLock
ADCOvfl
ChOvfl
AmpErr
SRCStateM
ADCOvflM
ChOvflM
AmpErrM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com