Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
DS726PP3
35
CS4525
6.1.4.8
Bass Management
The CS4525 implements a dedicated stereo 24 dB/octave Linkwitz-Riley crossover with adjustable cross-
over frequency to achieve bass management for 2.1 configurations. The filter’s stereo high-pass outputs
are used to drive the full-range speakers, and its stereo low-pass outputs are each attenuated by 6 dB
and summed to drive the sub channel.
The bass management crossover is implemented with one of two preset internal filter sets. One set is op-
timized for a 32 kHz sample rate, and the other is optimized for 44.1 kHz, 48 kHz, and 96 kHz sample
rates. The CS4525 automatically detects the input sample rate and chooses the appropriate filter set to
apply. The available bass management cross-over frequencies are shown in Table 4 below and are con-
figured with the BassMgr[2:0] bits in the EQ Config register.
Note that the corner frequency of each filter set scales linearly with the input sample rate.
When the internal ADC is used as the serial audio data source, the input sample rate is nominally 48 kHz
and the corresponding shelving frequency corners are available.
The BassMgr[2:0] bits also allow the bass manager to be disabled. When disabled, the bass management
crossover is bypassed and no signal is presented on the sub channel.
To allow full-range headphone operation, when the HP_DETECT/MUTE pin is configured for headphone
detection (the HP/Mute bit is set), the operation of the bass manager is affected by the active state of the
headphone detection input signal. In this configuration, when the bass manager is enabled, (BassMgr[2:0]
bits not equal to ‘000’) and the headphone detection input signal becomes active, the bass manager will
be automatically disabled. When the headphone detection input signal becomes inactive, the bass man-
ager will be automatically reconfigured to operate as dictated by the BassMgr[2:0] bits.
Input Sample Rate
32 kHz
44.1 kHz
48 kHz, 96 kHz
Bass Manager Freq 1
80 Hz
77 Hz
83 Hz
Bass Manager Freq 2
120 Hz
115 Hz
125 Hz
Bass Manager Freq 3
160 Hz
153 Hz
167 Hz
Bass Manager Freq 4
200 Hz
192 Hz
209 Hz
Bass Manager Freq 5
240 Hz
230 Hz
250 Hz
Bass Manager Freq 6
280 Hz
268 Hz
292 Hz
Bass Manager Freq 7
320 Hz
307 Hz
334 Hz
Table 4. Bass Management Cross-Over Frequencies
Referenced Control
Register Location
BassMgr[2:0] ....................... “Bass Cross-Over Frequency (BassMgr[2:0])” on page 79
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com