Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
DS726PP3
19
CS4525
ANALOG INPUT CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = PGND = 0 V; All voltages with respect to ground;
TA = 25°C; VD = 3.3 V; Input Signal: 1 kHz sine wave through the recommended passive input filter shown in Fig-
ure 28 on page 61; Capacitor values connected to AFILTA, AFILTB, FILT+, VQ, VD_REG, and VA_REG as shown
in Figure 1 on page 13; Sample Frequency = 48 kHz; 10 Hz to 20 kHz Measurement Bandwidth; Power outputs in
power-down state (PDnOut1 = 1, PDnOut2 = 1, PDnOut3/4 = 1).
Notes:
4.
Referred to the typical full-scale voltage
5.
For VD = 2.5 V, VA_REG and VD_REG must be connected to VD. See section 6.7 on page 63 for
details.
6.
Measured between AINx and AGND.
ADC DIGITAL FILTER CHARACTERISTICS
Notes:
7.
Filter response is clock dependent and scales with the ADC sampling frequency (Fs). With a
27.000 MHz or 24.576 MHz XTAL/SYS_CLK, Fs is equal to the applied clock divided by 512. With an
18.432 MHz XTAL/SYS_CLK, Fs is equal to the applied clock divided by 384.
Parameter
Min
Typ
Max
Unit
Dynamic Range (Note 4)
A-weighted
unweighted
90
87
95
92
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dB
-20 dB
-60 dB
-
-
-
-86
-72
-32
-77
-
-
dB
dB
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.05
-
dB
Gain Drift
-
±100
-
ppm/°C
Interchannel Isolation
-
90
-
dB
Full-scale Input Voltage
VD = 2.5V (Note 5)
VD = 3.3V
VD = 5.0V
0.786*VD
0.590*VD
0.398*VD
0.827*VD
0.621*VD
0.419*VD
0.868*VD
0.652*VD
0.440*VD
Vpp
Vpp
Vpp
Input Impedance
(Note 6)
40
-
-
k
Ω
Parameter
Min
Typ
Max
Unit
Passband (Frequency Response) (Note 7)
to -0.1 dB corner
0
-
0.4948
Fs
Passband Ripple
-0.09
-
0
dB
Stopband
(Note 7)
0.6677
-
-
Fs
Stopband Attenuation
48.4
-
-
dB
Total Group Delay
-
2.7/Fs
-
s
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
-
-
3.7
24.2
-
-
Hz
Hz
Phase Deviation
20 Hz
-
10
-
Deg
Passband Ripple
-
-
0.17
dB
Filter Settling Time
-105/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com