Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
12
DS726PP3
CS4525
2.1
Digital I/O Pin Characteristics
The logic level for each input is set by its corresponding power supply and should not exceed the maximum ratings.
Power
Supply
Pin
Number
Pin Name
I/O
Driver
Receiver
Software Mode
VD
1
INT
Output
2.5 V-5.0 V, Open Drain
2
SCL
Input
-
2.5 V-5.0 V, with Hysteresis
3
SDA
Input/Output
2.5 V-5.0 V, Open Drain
2.5 V-5.0 V, with Hysteresis
7HP_DETECT
MUTE
Input
Input
-
-
2.5 V-5.0 V
2.5 V-5.0 V
41
DLY_SDOUT
Output
2.5 V-5.0 V, CMOS
-
42
DLY_SDIN
EX_TWR
Input
Input
-
-
2.5 V-5.0 V
2.5 V-5.0 V
43
AUX_SDOUT
Output
2.5 V-5.0 V, CMOS
-
44
AUX_SCLK
Output
2.5 V-5.0 V, CMOS
-
45
AUX_LRCK
Output
2.5 V-5.0 V, CMOS
-
VD_REG
39
PWM_SIG2
Output
2.5 V, CMOS
-
40
PWM_SIG1
Output
2.5 V, CMOS
-
Hardware Mode
VD
1
CLK_FREQ0
Input
-
2.5 V-5.0 V
2
CLK_FREQ1
Input
-
2.5 V-5.0 V
3
ADC/SP
Input
-
2.5 V-5.0 V
7
MUTE
Input
-
2.5 V-5.0 V
41
TWR
Output
2.5 V-5.0 V, Open Drain
-
42
ERRUVTE
Output
2.5 V-5.0 V, Open Drain
-
43
ERROC
Output
2.5 V-5.0 V, Open Drain
-
44
EN_TFB
Input
-
2.5 V-5.0 V
45
I²S/LJ
Input
-
2.5 V-5.0 V
All Modes
VD
4
LRCK
Input
-
2.5 V-5.0 V
5
SCLK
Input
-
2.5 V-5.0 V
6
SDIN
Input
-
2.5 V-5.0 V
8
RST
Input
-
2.5 V-5.0 V
9
LVD
Input
-
2.5 V-5.0 V
46
SYS_CLK
Input/Output
2.5 V-5.0 V, CMOS
2.5 V-5.0 V
VP
26
OUT4
Output
8.0 V-18.0 V Power MOSFET
-
29
OUT3
Output
8.0 V-18.0 V Power MOSFET
-
32
OUT2
Output
8.0 V-18.0 V Power MOSFET
-
35
OUT1
Output
8.0 V-18.0 V Power MOSFET
-
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com