Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
DS726PP3
39
CS4525
6.1.4.11 Thermal Limiter
The CS4525 implements a thermal limiter function to provide a quick corrective response to potentially
damaging thermal overload conditions. The thermal limiter feature operates by sensing the presence of
a thermal warning condition and, in response, utilizes the peak signal limiter to dynamically limit the signal
amplitude prior to the PWM modulators. This effectively limits the output power capability of the device,
thereby allowing the temperature to reduce to acceptable levels without fully interrupting operation.
The thermal limiter is enabled by the EnThLim bit in the Limiter Configuration 3 register. When enabled,
the thermal limiter will trigger once when either of the following conditions is met:
1.
The junction temperature crosses the thermal warning threshold for the first time after the thermal
limiter function is enabled.
2.
The junction temperature is greater than the thermal warning threshold at the time the thermal limiter
function is enabled.
Once triggered, the thermal limiter will remain in a triggered state until the RST pin is driven low.
When in the triggered state, the thermal limiter will engage whenever the EnThLim bit is set. While en-
gaged, the thermal limiter utilizes the peak signal limiter function to dynamically limit the signal amplitude
prior to the PWM modulators via the peak signal limiter; the characteristics of this limiting function are de-
scribed in Section 6.1.4.10 on page 37. If the thermal limiter is engaged and the peak signal limiter is dis-
abled via the EnLimiter bit, the peak signal limiter will be automatically enabled and its minimum and
maximum thresholds will be set to -3 dB. If the thermal limiter is engaged and the peak signal limiter is
enabled, an additional -3dB will be automatically applied to the minimum and maximum thresholds estab-
lished in the Limiter Cfg 1 register. The automatic enabling of the peak signal limiter and the automatic
application of additional attenuation to its thresholds is done internal to the CS4245; the values of the En-
Limiter, Min[2:0], and Max[2:0] bits in the Limiter Cfg 1 register are not affected by the engagement of the
thermal limiter function.
It should be noted that the thermal limiter can only be triggered once following the release of the RST sig-
nal. Once it has triggered, the thermal limiter’s attenuation will always be implemented while the thermal
limiter is enabled. If the thermal limiter is disabled after it has triggered, the internal enabling of the peak
signal limiter and the additional -3 dB attenuation applied to its minimum and maximum thresholds will be
released. In this state, the peak signal limiter’s operation will follow the EnLimiter, Min[2:0], and Max[2:0]
bits with no internal modification. If EnThLim is set again before the CS4525 has been reset (by toggling
the RST pin low and then high), thermal limiting will engage immediately.
Referenced Control
Register Location
EnThLim.............................. “Enable Thermal Limiter (EnThLim)” on page 87
EnLimiter ............................. “Peak Detect and Limiter Enable (EnLimiter)” on page 86
Max[2:0] .............................. “Maximum Threshold (Max[2:0])” on page 85
Min[2:0] ............................... “Minimum Threshold (Min[2:0])” on page 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com