Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
22
DS726PP3
CS4525
AUX SERIAL AUDIO I/O PORT SWITCHING SPECIFICATIONS
AGND = DGND = PGND = 0 V; TA = 25°C; VD = 3.3 V; AUX_SDOUT & DLY_SDOUT CL = 15 pF; Inputs:
Logic 0 = DGND; Logic 1 = VD; (Note 11).
Notes:
11. FCLK is the frequency of the crystal connected to the XTI/XTO pins or the input SYS_CLK signal.
TCLK =1/FCLK.
12. FSI is the frequency of the input LRCK signal. TSI =1/FSI
13. May vary during normal operation.
14. FSCLKI is the frequency of the input SCLK signal. TSCLKI =1/FSCLKI.
Parameters
Symbol
Min
Typ
Max
Units
Input Source: Analog Inputs (Internal ADC)
Output Sample Rate
ClkFreq[1:0] = ‘00’
(Note 16)
ClkFreq[1:0] = ‘01’
ClkFreq[1:0] = ‘10’
FSO
-
-
-
FCLK/384
FCLK/512
FCLK/512
-
-
-
Hz
Hz
Hz
AUX_LRCK Duty Cycle
-
50
-
%
AUX_LRCK Period
-
1/FSO
-s
AUX_SCLK Frequency
ClkFreq[1:0] = ‘00’
(Note 16)
ClkFreq[1:0] = ‘01’
ClkFreq[1:0] = ‘10’
FSCLKO
-
-
-
48*FSO
64*FSO
64*FSO
-
-
-
Hz
Hz
Hz
AUX_SCLK Duty Cycle
-
50
-
%
AUX_SCLK Period
-
1/FSCLKO
-s
Input Source: Serial Audio Input Port
Output Sample Rate
FS-In = 32kHz, 44.1 kHz, 48 kHz
FS-In =96 kHz
FSO
-
-
FSI
FSI/2
-
-
Hz
Hz
AUX_LRCK Duty Cycle
(Note 13)
45
-
55
%
AUX_LRCK Period
(Note 12, 13)TSI - TCLK
TSI
TSI + TCLK
s
AUX_SCLK Frequency
FS-In = 32kHz, 44.1 kHz, 48 kHz
(Note 14)
FS-In =96 kHz
-
-
FSCLKI
FSCLKI/2
-
-
Hz
Hz
AUX_SCLK Duty Cycle
30
-
70
%
AUX_SCLK Period
FS-In = 32kHz, 44.1 kHz, 48 kHz
(Note 13, 14)FS-In =96 kHz
TSCLKI - TCLK
2*TSCLKI - TCLK
TSCLKI
2*TSCLKI
TSCLKI + TCLK
2*TSCLKI + TCLK
s
s
Input Source: Analog Inputs or Serial Audio Input Port
AUX_LRCK Rising Edge to AUX_SCLK Falling Edge
tLTSF
-
-
20
ns
AUX_SCLK Rising Edge to Data Output Valid
tSRDV
--
TCLK + 20
ns
DLY_SDIN Setup Time Before AUX_SCLK Rising Edge
tDIS
25
-
-
ns
DLY_SDIN Hold Time After AUX_SCLK Rising Edge
tDIH
10
-
-
ns
AUX_LRCK
AUX_SCLK
AUX_SDOUT
DLY_SDOUT
DLY_SDIN
MSB
MSB
MSB - 1
MSB - 1
LSB
LSB
tLTSF
tSRDV
tDISU
tDIH
Figure 8. AUX Serial Port Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com