Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
30
DS726PP3
CS4525
6.1.4.1
Pre-Scaler
Applying any gain to a full-scale signal in the digital domain will cause the signal to clip. To prevent this,
a pre-scaler block is included prior to the internal digital signal processing blocks. This allows the input
signal to be attenuated before processing to ensure that any signal boosting, such as gain in a shelving
filter, will not cause a channel to clip.
The pre-scaler block allows up to -14.0 dB of attenuation in 2.0 dB increments and is controlled with the
PreScale[2:0] bits.
6.1.4.2
Digital Signal Processing High-Pass Filter
The CS4525 includes a high-pass filter at the beginning of the digital signal processing chain to remove
any DC content from the input signal prior to the remaining internal digital signal processing blocks. The
high-pass filter operates by continuously subtracting a measure of the DC offset from the input signal and
may be used regardless of the input data source.
The digital signal processing high-pass filter can be disabled by clearing the EnDigHPF bit.
6.1.4.3
Channel Mixer
The CS4525 implements independent channel mixers to provide for both mono mixes and channel swaps
for the left and right channels. The channel mixers are controlled by the LChMix[1:0] and RChMix[1:0] bits
in the Mixer Config register.
To allow stereo operation when a mono mix is configured, when the HP_DETECT/MUTE pin is configured
for headphone detection (the HP/Mute bit is set), the operation of the left channel mixer is affected by the
active state of the headphone detection input signal. In this configuration, when the left channel mixer is
configured for a mono mix (LChMix[1:0] = 01 or 10) and the headphone detection input signal becomes
active, the left channel mixer will be automatically reconfigured to output the left channel, thereby dis-
abling the mono mix. When the headphone detection input signal becomes inactive, the mixer will be au-
tomatically reconfigured to operate as dictated by the LChMix[1:0] bits.
It should be noted that the right channel mixer output is unaffected by the headphone detection input sig-
nal and will always operate as dictated by the RChMix[1:0] bits.
Referenced Control
Register Location
PreScale[2:0]....................... “Pre-Scale Attenuation (PreScale[2:0])” on page 75
Referenced Control
Register Location
EnDigHPF ........................... “Digital Signal Processing High-Pass Filter (EnDigHPF)” on page 77
Referenced Control
Register Location
LChMix[1:0] ......................... “Left Channel Mixer (LChMix[1:0])” on page 76
RChMix[1:0] ........................ “Right Channel Mixer (RChMix[1:0])” on page 76
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com