Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
44
DS726PP3
CS4525
6.1.6
Serial Audio Delay & Warning Input Port
The CS4525 includes a configurable delay and warning port to allow easy system integration of external
lip-sync delay devices or warning inputs from external amplifiers. The port can be configured as a serial
audio delay interface, an external warning input port, or disabled by the DlyPortCfg[1:0] bits in the Aux
Config register. When disabled, the DLY_SDOUT and DLY_SDIN/EX_TWR pins become high-imped-
ance.
6.1.6.1
Serial Audio Delay Interface
Video processing and reproduction circuitry in digital video display devices can often introduce noticeably
more delay than is introduced by the device’s audio processing and reproduction circuitry. This can result
in a phenomenon known as lip-synch delay - a delay present between the video and audio content being
reproduced.
To help overcome this problem, the CS4525 delay and warning port can be configured as serial audio
delay interface. This interface consists of a serial audio input/output port to facilitate the use of an external
serial audio delay device. The port routes the serial data from the selected input source (the ADC or the
serial input port) out to an external serial audio delay device, and then back in to the CS4525 internal dig-
ital sound processing blocks. The delay serial audio interface signals include DLY_SDOUT and
DLY_SDIN/EX_TWR and are clocked from AUX_LRCK and AUX_SCLK. The serial data is output on the
DLY_SDOUT pin and input on the DLY_SDIN/EX_TWR in the format specified by the AuxI²S/LJ bits in
the Aux Config register. Because the delay interface uses the auxiliary port clock signals, the auxiliary se-
rial port must be enabled using the EnAuxPort bit in the Aux Port Configuration register to allow the delay
interface to operate properly.
6.1.6.2
External Warning Input Port
When implementing external PWM power stage devices with thermal warning indicator outputs, it can be
useful to provide these warning signals as an input to the internal thermal foldback algorithm. This allows
the CS4525 to automatically respond to the external devices’ thermal warning conditions without com-
pletely disrupting the system’s operation.
When configured as an external warning input port, the DLY_SDIN/EX_TWR is an active-low thermal
warning input to the foldback algorithm and the DLY_SDOUT pin becomes high-impedance.
In order for the foldback algorithm to act on the external thermal warning input signal, the thermal foldback
algorithm must be enabled by the EnTherm bit in the Foldback Cfg register. See “Thermal Foldback” on
page 40 for more information.
Referenced Control
Register Location
DlyPortCfg........................... “Delay & Warning Port Configuration (DlyPortCfg[1:0])” on page 72
Referenced Control
Register Location
AuxI²S/LJ............................. “Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ)” on page 72
EnAuxPort ........................... “Enable Aux Serial Port (EnAuxPort)” on page 72
Referenced Control
Register Location
EnTherm ............................. “Enable Thermal Foldback (EnTherm)” on page 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com