Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 94 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic CS4525 Datasheet HTML 93Page - Cirrus Logic CS4525 Datasheet HTML 94Page - Cirrus Logic CS4525 Datasheet HTML 95Page - Cirrus Logic CS4525 Datasheet HTML 96Page - Cirrus Logic CS4525 Datasheet HTML 97Page - Cirrus Logic CS4525 Datasheet HTML 98Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
94
DS726PP3
CS4525
9.22.3
Under Voltage / Thermal Error State (UVTE[1:0])
Function:
Indicates the operational status of the amplifier. These bits can identify a Thermal Warning condition, a
Thermal Error condition, or an Under Voltage condition. The thresholds for each of these conditions is
listed in the PWM Power Output Characteristics table on page 20.
9.23
Device I.D. and Revision (Address 63h) - Read Only
9.23.1
Device Identification (DeviceID[4:0])
Default =11111
Function:
Identification code for the CS4525.
9.23.2
Device Revision (RevID[2:0])
Function:
Identifies the CS4525 device revision.
UVTE[1:0] Setting
Under Voltage & Thermal Error Status
00 ........................................ The device is operating normally.
01 ........................................ The device is operating normally; however a Thermal Warning condition is being reported.
10 ........................................ An Under Voltage condition is currently present.
11......................................... A Thermal Error condition is currently present.
76
543
21
0
DeviceID4
DeviceID3
DeviceID2
DeviceID1
DeviceID0
RevID2
RevID1
RevID0
DeviceID[4:0] Setting
Device ID Notes
11111.................................... Permanent device identification code.
RevID[2:0] Setting
Device Revision
000 ...................................... Revision A0 and B0.
010 ...................................... Revision C0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com