Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
28
DS726PP3
CS4525
6.1.2
Power-Up and Power-Down
The CS4525 will remain in a completely powered-down state with the control port inaccessible until the
RST pin is brought high. Once RST is high, the control port will be accessible, but all other internal blocks
will remain powered-down until they are powered-up via the control port or until hardware mode is en-
tered.
When an external crystal is present on the XTI/XTO pins, software mode will be automatically entered
10 ms after the release of RST. If SYS_CLK is used as an input, software mode is entered by writing to
the control port within 10 ms after the release of RST. If the control port is not written within this time, the
device will begin to operate in hardware mode.
6.1.2.1
Power-Up Sequence
1.
Hold RST low until the power supplies and the input SYS_CLK (if used) are stable.
2.
Bring RST high.
The device will remain in a low-power state and the control port will be accessible. The device will
automatically enter software mode after 10 ms if an external crystal is present on the XTI/XTO pins,
at which time the output SYS_CLK signal will become active.
3.
If SYS_CLK is used as an input, initiate a control port write to set the PDnAll bit in register 5Fh within
10 ms following the release of RST.
This operation causes the device to enter software mode and places it in power-down mode.
4.
If the LVD pin is tied low and VD, VD_REG, and VA_REG are connected to 2.5 V, clear the SelectVD
bit in the Power Ctrl register to indicate the 2.5 V VD supply level. See section 6.7 on page 63 for de-
tails.
5.
If VP is connected to a supply voltage less than or equal to 14 V nominal, clear the SelectVP bit in the
Foldback Cfg register to indicate the VP supply level.
6.
Write the following initialization sequence to the CS4525 registers:
– 55h to register 64h.
– 08h to register 69h.
– 00h to register 64h.
7.
Other desired register settings can be loaded while keeping the PDnAll bit set. Typical initialization
settings include Input Configuration, Output Configuration, Master Volume, and Clock Frequency.
8.
Clear the PDnAll bit to initiate the power-up sequence.
6.1.2.2
Power-Down Sequence
1.
Set the MuteChA, MuteChB, and MuteSub bits in the Mute Control register to mute the audio output.
2.
Set the PDnAll bit to power-down the device.
3.
If the SYS_CLK input clock mode is used, the SYS_CLK signal may now be removed. See section
6.1.1 on page 26 for more information.
4.
Bring RST low to bring the device’s power consumption to an absolute minimum.
5.
Remove power.
Referenced Control
Register Location
PDnAll ................................. “Power Down (PDnAll)” on page 89
SelectVD ............................. “Select VD Level (SelectVD)” on page 88
SelectVP ............................. “Select VP Level (SelectVP)” on page 74
MuteChX ............................. “Independent Channel A & B Mute (MuteChX)” on page 84
MuteSub.............................. “Sub Channel Mute (MuteSub)” on page 85
Input Configuration.............. “Input Configuration (Address 02h)” on page 71
Output Configuration ........... “Output Configuration (Address 04h)” on page 73
Master Volume .................... “Master Volume Control (Address 57h)” on page 82
Clock Frequency ................. “Clock Frequency (ClkFreq[1:0])” on page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com