Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
DS726PP3
59
CS4525
6.4
Output Filters
The output filter configuration of the CS4525 can greatly affect device performance. These components re-
duce radiated EMI, protect the output transistors of the device, attenuate the high frequency content of the
output signal, and, in the half bridge configuration, block DC current from reaching the loudspeaker.
6.4.1
Half-Bridge Output Filter
Figure 26 shows the output filter for a half-bridge configuration. A transient voltage suppression circuit is
implemented as an RC snubber network comprised of a resistor Rs (5.6 Ω, 1/8 W) and a capacitor Cs
(680 pF). This should be placed as close as possible to the corresponding output pin. This circuit decreas-
es the slew rate of the output signal and reduces high frequency ringing which can lead to increased EMI.
The Schottky diodes protect the body diodes of the output devices by conducting load current during
switching transitions; these diodes must be present to ensure proper device operation.
The inductor L1 and capacitor C1 form a low-pass filter to remove high frequency switching content from
the output signal. These values combine with the nominal load impedance of the speaker to set the cut-
off frequency of the filter. Table 18 shows the component values for L1 and C1 based on nominal speaker
impedance for a corner frequency of approximately 35 kHz (-3 dB).
C2 serves to block DC from the output. Table 19 shows the component values for C2 based on desired
corner frequency (-3 dB) and nominal speaker impedances of 4
Ω, 6 Ω, and 8 Ω. This capacitor should be
chosen to have a ripple current rating higher than the amount of current that will pass through it.
Load
L1
C1
4
Ω
22 µH
1.0 µF
6
Ω
33 µH
0.68 µF
8
Ω
47 µH
0.47 µF
Table 18. Low-Pass Filter Components - Half-Bridge
Load
Corner Frequency
C2
4
Ω
40 Hz
1000 µF
58 Hz
680 µF
120 Hz
330 µF
6
Ω
39 Hz
680 µF
68 Hz
390 µF
120 Hz
220 µF
8
Ω
42 Hz
470 µF
60 Hz
330 µF
110 Hz
180 µF
Table 19. DC-Blocking Capacitors Values - Half-Bridge
VP
* ROHM RB160 M-30
or equivalent
D1*
D2*
Rs
5.6
Ω
Cs
680 pF
OUTx
C1
C2
L1
Figure 26. Output Filter - Half-Bridge
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com