Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
36
DS726PP3
CS4525
6.1.4.9
Volume and Muting Control
The CS4525’s volume control architecture provides the ability to control the level of each output channel
on both an individual and master basis.
Individual control allows the volume and mute state of a single channel to be changed independently from
the other channels within the device. The CS4525 provides three individual volume and muting controls,
each permanently assigned to one channel within the device. The three individual volume controls,
ChAVol, ChBVol, and SubVol, can gain or attenuate channel A, channel B, or the sub channel (respec-
tively) from +24 dB to -103 dB in 0.5 dB steps. The three individual mute controls, MuteChA, MuteChB,
and MuteSub bits, can mute channel A, channel B, or the sub channel (respectively).
Master control allows the volume of all channels to be changed simultaneously by offsetting each chan-
nel’s individual volume setting by an additional +24 dB to -103 dB in 0.5 dB steps. By default, master vol-
ume is set to +3dB; if the CS4525 is being used to control the application’s master volume, then it is
recommended to change this value to a comfortable listening level before enabling the PWM powered out-
puts. Master volume control is accomplished via the Master Vol register.
The PWM outputs can be configured to output silence as a modulated signal or an non-modulated 50%
duty cycle signal during a mute condition. This selection is achieved via the Mute50/50 bit in the
Volume Cfg register.
The AutoMute bit in the same register dictates whether the device will automatically mute after the recep-
tion of 8192 consecutive samples of static 0 or -1. When the AutoMute function is enabled, a single sample
of non-static data will cause the automatic mute to be released.
The CS4525 implements soft-ramp and zero-crossing detection capabilities to provide noise-free level
transitions. When the zero-crossing function is enabled, all volume and muting changes are made on an
output signal zero-crossing. The zero-crossing detection function is implemented independently for each
channel. When the soft-ramp function is enabled, the volume is ramped from its initial to its final level at
a rate of ½ dB every 4 samples for 32, 44.1, and 48 kHz sample rates, and ½ dB every 8 samples for a
96 kHz sampling rate.
All volume and muting changes are implemented as dictated by the soft-ramp and zero-cross settings
configured by the SZCMode[1:0] bits in the Volume Cfg register.
Referenced Control
Register Location
ChXVol ................................ “Channel A and B Volume Control (Address 58h & 59h)” on page 83
SubVol................................. “Sub Channel Volume Control (Address 5Ah)” on page 83
MuteChX ............................. “Independent Channel A & B Mute (MuteChX)” on page 84
MuteSub.............................. “Sub Channel Mute (MuteSub)” on page 85
Master Vol ........................... “Master Volume Control (Address 57h)” on page 82
Mute50/50 ........................... “Enable 50% Duty Cycle for Mute Condition (Mute50/50)” on page 80
AutoMute............................. “Auto-Mute (AutoMute)” on page 80
SZCMode ............................ “Soft Ramp and Zero Cross Control (SZCMode[1:0])” on page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com