Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
74
DS726PP3
CS4525
only be changed while all modulators and associated logic are in the power-down state (the PDnAll bit is
set). Attempts to write these bits while the PDnAll bit is cleared will be ignored. See “PWM Channel Delay”
on page 55 for more information.
9.5
Foldback and Ramp Configuration (Address 05h)
9.5.1
Select VP Level (SelectVP)
Default = 1
Function:
Adjusts the PWM modulation index to maximize output power for applications with a nominal VP voltage
of less than or equal to 14 V. This bit must remain set for applications with a nominal VP voltage greater
than 14 V.
9.5.2
Enable Thermal Foldback (EnTherm)
Default = 0
Function:
Enables the thermal foldback feature. See “Thermal Foldback” on page 40 for more information.
9.5.3
Lock Foldback Adjust (LockAdj)
Default = 0
Function:
Controls the operation of the foldback lock adjustment feature. See “Thermal Foldback” on page 40 for
more information.
OutputDly[3:0] Setting
Output Delay in Input Clock Source Cycles
0000 .................................... 0 - No Delay
0001 .................................... 1
0010 .................................... 2
....................................
1000 .................................... 8
....................................
1111 ..................................... 15 - Max Delay
76
543
21
0
SelectVP
EnTherm
LockAdj
AttackDly1
AttackDly0
EnFloor
RmpSpeed1
RmpSpeed0
SelectVP Setting
Selected VP Level
0 .......................................... VP
≤ 14 Volts
1 .......................................... VP
> 14 Volts.
EnTherm Setting
Thermal Foldback State
0 .......................................... Disabled.
1 .......................................... Enabled.
LockAdj Setting
Foldback Adjustment Lock State
0 .......................................... Attenuation lock disabled.
1 .......................................... Attenuation lock enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com