Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 67Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 68Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
65
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
9.3
Interrupts
Via pin IRQ, the transceiver signals different operating conditions to a connected microcontrol-
ler. If a specific operating condition occurs, pin IRQ is set to high.
If an interrupt occurs, it is recommended to delete the interrupt immediately by reading the sta-
tus register, so that a further potential interrupt doesn’t get lost. If the Interrupt pin doesn’t switch
to low by reading the status register, the interrupt was triggered by the RX/TX data buffer. In this
case read or write the RX/TX data buffer according to Table 9-6.
Table 9-5.
TX Modulation Schemes
Mode
ASK/_NFSK
P_Mode
T_Mode
Bit in TX/RX
Data Buffer
Level on Pin
SDI_TMDI
RFOUT
TX
0
001
X
fFSK_L → fFSK_H
000
X
fFSK_H → fFSK_L
101
X
fFSK_H
100
X
fFSK_L
X1X
1
fFSK_H
X1X
0
fFSK_L
1
001
X
fASK off → fASK on
000
X
fASK on → fASK off
101
X
fASK on
100
X
fASK off
X1X
1
fASK on
X1X
0
fASK off
Table 9-6.
Interrupt Handling
Operating Conditions Which Set Pin IRQ to High
Level
Operations Which Set Pin IRQ to Low Level
Events in Status Register
State transition of status bit STn
(0
→ 1; 1 → 0)
Read status register or
Command Delete IRQ
Appearance of status bit Power_On
(0
→ 1)
Appearance of status bit P_On_Aux
(0
→ 1)
Events During TX Operation (T_MODE = 0)
4, 8 or 12 Bytes are in the TX data buffer or the TX
data buffer is empty (depends on IR0 and IR1 in
control register 1).
Write TX data buffer or
Write control register 1 or
Write control register 4 or
Write control register 5 or
Write control register 6 or
Command delete IRQ
Events During RX Operation (T_MODE = 0)
4, 8 or 12 received bytes are in the RX data buffer or a
receiving error is occurred (depends on IR0 and IR1
in control register 1).
Read RX data buffer(1) or
Write control register 1 or
Write control register 4 or
Write control register 5 or
Write control register 6 or
Command delete IRQ
Successful bit check (P_MODE = 0)
Note:
1. During reading of the RX/TX buffer, no IRQ is issued, due to the received bytes or a receiving
error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com