Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 86Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 91Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
90
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
11.12
Current in RX_Polling_Mode on pin VS2 and VAUX
11.13
Supply current in RX
polling mode
CLK enabled
V
VSOUT enabled
CLK disabled
V
VSOUT enabled
VVSOUT disabled
17,
19,
22, 27
IS_Poll
IS_Poll = IP + IVSINT + IEXT
I
S_Poll = IP + IEXT
I
S_Poll = IP
11.14
Current in TX mode
on pin VS2 and VAUX
I
VSOUT = 0
P
out = 5dBm/10dBm
315 MHz/5dBm
315 MHz/10dBm
345 MHz/5dBm
345 MHz/10dBm
433.92 MHz/5dBm
433.92 MHz/10dBm
868.3 MHz/10dBm
868.3 MHz/10dBm
915 MHz/5dBm
915 MHz/10dBm
17, 19
I
TX_VS2_VAUX
10.7
16.2
10.8
16.3
10.9
16.3
11.6
17.8
12.3
20.0
13.9
21.0
14.0
21.2
14.0
21.0
15.0
23.0
16.0
26.0
mA
B
11.15
Supply current in
TX mode
CLK enabled
VVSOUT enabled
CLK disabled
VVSOUT enabled
17,
19,
22, 27
IS_TX
IS_TX = ITX_VS2_VAUX + IVSINT + IEXT
IS_TX = ITX_VS2_VAUX + IEXT
15. Electrical Characteristics: Base-station Application (5V) (Continued)
All parameters refer to GND and are valid for Tamb = 25°C, VVS2 = 5.0V. Application according to Figure 2.2 on page 8
fRF =315 MHz/345MHz/433.92MHz/868.3MHz/915 MHz unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
I
P
I
IDLE_VS2,VAUX
T
SLEEP
I
Startup_PLL_VS2,VAUX
T
Startup_PLL
I
RX_VS2,VAUX
T
Startup_Sig_Proc
T
Bitcheck
+
()
×
+
×
+
×
T
Sleep
T
Startup_PLL
T
Startup_Sig_Proc
T
Bitcheck
++
+
-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com