Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 44Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 45Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 46Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 47Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
45
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
If the transceiver is in any active mode (IDLE, AUX, TX, RX, RX_Polling), an integrated
debounce logic is active. If there is an event on pin Tn a debounce counter is set to 0 (T = 0) and
started. The status is updated, an interrupt is issued and the debounce counter is stopped after
reaching the counter value T = 8195
× T
DCLK.
An event on the same key input before reaching T = 8195
× T
DCLK stops the debounce counter.
An event on an other key input before reaching T = 8195
× T
DCLK resets and restarts the
debounce counter.
While the debounce counter is running, the bits VSOUT_EN and CLK_ON in control register 3
are set to “1”.
The interrupt is deleted after reading the status register or executing the command Delete_IRQ.
If pin Tn is not used, it can be left open because of an internal pull-up resistor (typically 50 k
Ω).
Figure 7-3.
Timing Flow Pin Tn, Status Bit STn
IDLE Mode or
AUX Mode or
TX Mode or
RX Polling Mode or
RX Mode
Stop debounce counter
STn = 1
IRQ = 1
Stop debounce counter
STn = 0
IRQ = 1
Stop debounce counter
Tn = STn ?
Pin Tn = 0 ?
T = 0
Start debounce counter
Event on Pin Tn ?
Event on Pin Tn ?
N
N
N
N
Y
Y
Y
Y
Y
N
T = 8195
× T ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com