Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.3
Sensitivity versus Supply Voltage, Temperature and Frequency Offset
To calculate the behavior of a transmission system it is important to know the reduction of the
sensitivity due to several influences. The most important are frequency offset due to crystal
oscillator (XTO) and crystal frequency (XTAL) errors, temperature and supply voltage depen-
dency of the noise figure and IF filter bandwidth of the receiver. Figure 3-2 shows the typical
sensitivity at 433.92 MHz/FSK/20 Kbit/s/
±16 kHz/Manchester versus the frequency offset
between transmitter and receiver with T
amb = –40°C, +25°C and +105°C and supply voltage
VS1 = VS2 = 2.4V, 3.0V and 3.6V.
Table 3-2.
Input Matching to 50
Ω
fRF/MHz
C1/pF
L1/nH
QL1
315
2.4
47
66
345
1.8
43
67
433.92
1.8
27
70
868.3
1.2
6.8
50
915
1.3
5.6
52
Table 3-3.
Measured Sensitivity FSK, ±16 kHz, Manchester, dBm, BER = 10–3
RF
Frequency
BR_Range_0
1.0 Kbit/s
BR_Range_0
2.4 Kbit/s
BR_Range_1
5.0 Kbit/s
BR_Range_2
10 Kbit/s
BR_Range_3
20 Kbit/s
315 MHz
–110.0 dBm
–110.5 dBm
–109.0 dBm
–108.0 dBm
–107.0 dBm
345 MHz
–109.5 dBm
–110.5 dBm
–109.0 dBm
–107.5 dBm
–107.0 dBm
433.92 MHz
–109.0 dBm
–109.5 dBm
–108.0 dBm
–107.0 dBm
–106.0 dBm
868.3 MHz
–106.0 dBm
–106.5 dBm
–105.5 dBm
–104.0 dBm
–103.5 dBm
915 MHz
–105.5 dBm
–106.0 dBm
–105.0 dBm
–103.5 dBm
–103.0 dBm
Table 3-4.
Measured Sensitivity 100% ASK, Manchester, dBm, BER = 10
–3
RF Frequency
BR_Range_0
1.0 Kbit/s
BR_Range_0
2.4 Kbit/s
BR_Range_1
5.0 Kbit/s
BR_Range_2
10 Kbit/s
315 MHz
–117.0 dBm
–117.5 dBm
–115.0 dBm
–113.5 dBm
345 MHz
–117.0 dBm
–117.5 dBm
–115.0 dBm
–113.0 dBm
433.92 MHz
–116.0 dBm
–116.5 dBm
–114.0 dBm
–112.5 dBm
868.3 MHz
–112.5 dBm
–113.0 dBm
–111.5 dBm
–109.5 dBm
915 MHz
–112.5 dBm
–113.0 dBm
–111.0 dBm
–109.0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com