Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
39
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.3.2
Control Register 2 (ADR 1)
Table 7-6.
Control Register 1 (Function of Bit 0)
T_MODE
Function
0
TX and RX function via TX/RX data buffer (default)
1
Transparent mode, TX/RX data buffer disabled, TX modulation data stream via pin
SDI_TMDI, RX modulation data stream via pin SDO_TMDO
Table 7-7.
Control Register 2 (Function of Bit 7, Bit 6, Bit 5, Bit 4, Bit 3, Bit 2 and Bit 1)
FR6
26
FR5
25
FR4
24
FR3
23
FR2
22
FR1
21
FR0
20
Function
00
000
00
FREQ2 = 0
00
000
01
FREQ2 = 1
..
..
...
10
110
00
FREQ2 = 88 (default)
..
..
...
11
111
11
FREQ2 = 127
Note:
Tuning of f
RF LSBs (total 13 bits), frequency trimming resolution of fRF is fXTO/16384, which is
approximately 800 Hz (see section “XTO”, Table 4-1 on page 28)
Table 7-8.
Control Register 2 (Function of Bit 0 in RX Mode)
P_MODE
Function (RX Mode)
0
Pin IRQ is set to “1” if the bit check is successful (default)
1
No effect on pin IRQ if the bit check is successful
Table 7-9.
Control Register 2 (Function of Bit 0 in TX Mode)
P_MODE
Function (TX Mode)
0
Manchester modulator on (default)
1
Manchester modulator off (NRZ mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com