Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5425-PLSW Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 42Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 44Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
41
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.3.5
Control Register 5 (ADR 4)
Table 7-14.
Control Register 4 (Function of Bit 6, Bit 5, Bit 4, Bit 3 and Bit 2)
Sleep4
24
Sleep3
23
Sleep2
22
Sleep1
21
Sleep0
20
Function (RX Mode)
Sleep
(TSleep = Sleep × 1024 × TDCLK × XSleep)
00
00
0
0
00
00
1
1
.
...
.
01
01
0
10
(T
Sleep = 10 × 1024 × TDCLK × XSleep)
(default)
.
...
.
11
11
1
31
Table 7-15.
Control Register 4 (Function of Bit 1)
XSleep
Function
0XSleep = 1; extended TSleep off (default)
1XSleep = 8; extended TSleep on
Table 7-16.
Control Register 4 (Function of Bit 0)
XLim
Function
0X
Lim = 1; extended TLim_min, TLim_max off (default)
1X
Lim = 2; extended TLim_min, TLim_max on
Table 7-17.
Control Register 5 (Function of Bit 7 and Bit 6)
BitChk1
BitChk0
Function
00
NBit-check = 0 (0 bits checked during bit check)
01
NBit-check = 3 (3 bits checked during bit check) (default)
10
NBit-check = 6 (6 bits checked during bit check)
11
NBit-check = 9 (9 bits checked during bit check)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com